PART |
Description |
Maker |
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
KIA79L15F KIA79L10F KIA79L09F KIA79L05F KIA79L12F |
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 三端负电压调节器 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74ALVCH16374 74ALVCH16374DL |
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
|
NXP Semiconductors
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
DM74ALS273 DM74ALS273MSA DM74ALS273N DM74ALS273SJ |
Octal D-Type Edge-Triggered Flip-Flops with Clear Inputs Octal D-Type Edge-Triggered Flip-Flop with Clear Octal D-Type Flip-Flop FRICTION LOCK HEADER, 6 CIR, STRGHT SQR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IDT74LVCH32374A 74LVCH32374A_DS_93505 |
3.3V CMOS 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP From old datasheet system
|
IDT
|
IDT74LVC16374APA IDT74LVC16374APAG IDT74LVC16374AP |
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
|
Integrated Device Technology
|
74LVT162374 74LVT162374DGG 74LVT162374DL |
3.3 V LVT 16-bit edge-triggered D-type flip-flop with 30 Ohm termination resistors (3-State) 3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
|
Philips Semiconductors
|
IDT74ALVCH32374BF8 |
3.3V CMOS 32-Bit Edge-Triggered D-Type Flip-Flop with 3-State Outputs, Bus-Hold
|
IDT
|
IDT74LVC574A 74LVC574A_DS_31950 IDT74LVC574ASO IDT |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O
|
Integrated Device Techn... IDT[Integrated Device Technology]
|